| データシートサーチシステム |
|
MCP3551-E/MS データシート(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP3551-E/MS データシート(HTML) 21 Page - Microchip Technology |
|
21 / 30 page ![]() © 2005 Microchip Technology Inc. DS21950B-page 21 MCP3551/3 6.0 PACKAGING INFORMATION 6.1 Package Marking Information Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 8-Lead SOIC (150 mil) Examples: XXXXXXXX XXXXYYWW NNN MCP3551E SN^^ 0515 256 8-Lead MSOP Example: XXXXXX YWWNNN 3553E 515256 3 e |