| データシートサーチシステム |
|
ADP1032ACPZ-1-R7 データシート(PDF) 28 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP1032ACPZ-1-R7 データシート(HTML) 28 Page - Analog Devices |
|
28 / 37 page ![]() ADP1032 Data Sheet Rev. 0 | Page 28 of 37 GPIO Data Channels The general-purpose data channels are provided as space saving isolated datapaths where timing is not critical. The dc value of all low speed general-purpose inputs, on a given side of the device, are sampled simultaneously, packetized, and shifted across a single isolation coil. The process is then reversed by reading the inputs on the opposite side of the device, packetizing the inputs and sending these inputs back for similar processing. Because of the sampled nature of this process, the general-purpose data channels exhibit a sampling uncertainty that resembles 19.5 µs peak jitter. For proper operation of the GPIO channels, refer to Table 15. Power both the MVDD pin and SVDD2 pin within the specified input voltage range for these pins. Table 15. Truth Table for GPIO Channels MVDD State SVDD2 State xGPIx MGPOx SGPOx Test Conditions/Comments Unpowered Powered Don’t care Low Low During startup Powered Unpowered Don’t care Low Low During startup Powered Powered High High High Normal operation Powered Powered Low Low Low Normal operation Powered Powered to Unpowered Don’t care Hold1 Low Powered to Unpowered Powered Don’t care Low Hold1 1 Hold means that the current state of the outputs are preserved. |