| データシートサーチシステム |
|
ADSP-21486KSWZ-2AB データシート(PDF) 49 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-21486KSWZ-2AB データシート(HTML) 49 Page - Analog Devices |
|
49 / 71 page ![]() ADSP-21483/ADSP-21486/ADSP-21487/ADSP-21488/ADSP-21489 Rev. H | Page 49 of 71 | February 2020 SPI Interface—Master The ADSP-2148x contains two SPI ports. Both primary and sec- ondary are available through DPI only. The timing provided in Table 49 and Table 50 applies to both. Table 49. SPI Interface Protocol—Master Switching and Timing Specifications Parameter Min Max Unit Timing Requirements tSSPIDM Data Input Valid to SPICLK Edge (Data Input Setup Time) 8.2 ns tHSPIDM SPICLK Last Sampling Edge to Data Input Not Valid 2 ns Switching Characteristics tSPICLKM Serial Clock Cycle 8 × tPCLK – 2 ns tSPICHM Serial Clock High Period 4 × tPCLK – 2 ns tSPICLM Serial Clock Low Period 4 × tPCLK – 2 ns tDDSPIDM SPICLK Edge to Data Out Valid (Data Out Delay Time) 2.5 ns tHDSPIDM SPICLK Edge to Data Out Not Valid (Data Out Hold Time) 4 × tPCLK – 2 ns tSDSCIM DPI Pin (SPI Device Select) Low to First SPICLK Edge 4 × tPCLK – 2 ns tHDSM Last SPICLK Edge to DPI Pin (SPI Device Select) High 4 × tPCLK – 2 ns tSPITDM Sequential Transfer Delay 4 × tPCLK – 1.2 ns Figure 34. SPI Master Timing tSPICHM tSDSCIM tSPICLM tSPICLKM tHDSM tSPITDM tDDSPIDM tHSPIDM tSSPIDM DPI (OUTPUT) MOSI (OUTPUT) MISO (INPUT) MOSI (OUTPUT) MISO (INPUT) CPHASE = 1 CPHASE = 0 tHDSPIDM tHSPIDM tHSPIDM tSSPIDM tSSPIDM tDDSPIDM tHDSPIDM SPICLK (CP = 0, CP = 1) (OUTPUT) |