データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SC110ER データシート(PDF) 1 Page - Mallory Sonalert Products Inc

部品番号 SC110ER
部品情報  Voltage Rating 30 to 120 VAC/DC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MSPI [Mallory Sonalert Products Inc]
ホームページ  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

SC110ER データシート(HTML) 1 Page - Mallory Sonalert Products Inc

  SC110ER Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part #:
Revision:
39
Current Draw
4-10mA
-40° to +85° C
6/6 Nylon, Color: Black
Housing Material
Recommended hole size is 1.25"(31.75mm). Thread front will fit standard 30mm(1.181") hole.
-30° to +65° C
Storage Temperature
Operating Temperature
Panel Mounting
SC110ER
F
Mallory Sonalert Products, Inc.
Sales Outline Drawing
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A · Phone: (317) 612-1000 Fax: (317) 612-1010
www.mspindy.com
ROHS Compliant
Used to attach part to panel. The max recommended torque is 10 in-lbs.
1.6 oz (45g)
Options
Knurled Nut
Dimensions: Inches (mm)
NEMA 3R,4X, & 12
Please contact factory.
Weight (Typical)
Approved with use of ACC03.
54 to 67 dB(A) Typ.
Loudness @ Min Vdc
50/63 dB(A) @ 2 Feet and 30 Vdc
Loudness @ Max Vdc
65/78 dB(A) @ 2 Feet and 120 Vdc
Frequency
Specifications:
Soft
30 to 120 VAC/DC
Voltage Rating
Sound Level Category
Mode of Operation
Continuous
2000 ± 500 Hz
Loudness @ 2 FT


同様の部品番号 - SC110ER

メーカー部品番号データシート部品情報
logo
Mallory Sonalert Produc...
SC110EJR MSPI-SC110EJR Datasheet
52Kb / 1P
Voltage Rating 30 to 120 VAC/DC
SC110EPR MSPI-SC110EPR Datasheet
52Kb / 1P
Voltage Rating 30 to 120 VAC/DC
More results

同様の説明 - SC110ER

メーカー部品番号データシート部品情報
logo
Mallory Sonalert Produc...
SC110FJR MSPI-SC110FJR Datasheet
52Kb / 1P
Voltage Rating 30 to 120 VAC/DC
SC110HJR MSPI-SC110HJR Datasheet
52Kb / 1P
Voltage Rating 30 to 120 VAC/DC
SC110HR MSPI-SC110HR Datasheet
52Kb / 1P
Voltage Rating 30 to 120 VAC/DC
SC110JR MSPI-SC110JR Datasheet
52Kb / 1P
Voltage Rating 30 to 120 VAC/DC
SC110NJR MSPI-SC110NJR Datasheet
52Kb / 1P
Voltage Rating 30 to 120 VAC/DC
SC110NPR MSPI-SC110NPR Datasheet
52Kb / 1P
Voltage Rating 30 to 120 VAC/DC
SC110NR MSPI-SC110NR Datasheet
52Kb / 1P
Voltage Rating 30 to 120 VAC/DC
LSC110NR MSPI-LSC110NR Datasheet
144Kb / 1P
Voltage Rating 30 to 120 VAC/DC
SC110MN MSPI-SC110MN Datasheet
56Kb / 1P
Voltage Rating 30 to 120 VAC/DC
SCH110PR MSPI-SCH110PR Datasheet
56Kb / 1P
Voltage Rating 30 to 120 VAC/DC
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com