| データシートサーチシステム |
|
PE2G2I80-R データシート(PDF) 1 Page - Silicom Ltd. |
|
|
|||||||||||||||||||||||||||||
PE2G2I80-R データシート(HTML) 1 Page - Silicom Ltd. |
|
1 / 5 page ![]() Silicom Ltd. Connectivity Solutions Page 1 PE2G2I80 Dual Port Copper Gigabit Ethernet PCI Express Server Adapter Intel® 82580DB Based Product Description Silicom’s Dual Port Copper Gigabit Ethernet PCI Express Server adapter is PCI-Express X4 Copper Gigabit Ethernet network interface card that contain Multiple Gigabit ports on a PCI-Express adapter. Silicom’s Dual Port Copper Gigabit Ethernet PCI Express Server adapter is designed for Servers and high-end appliances. The performance is optimized so that system I/O is not the bottleneck in high-performance networking applications. Silicom’s Dual Port Copper Gigabit Ethernet PCI Express Server adapter enable fault-tolerant via teaming. Traffic from the failed port is routed through other members of the team. Silicom’s Dual Port Copper Gigabit Ethernet PCI Express Server adapter has an integrated hardware acceleration that performs TCP/UDP/IP checksum offload and TCP segmentation. The host processing offloads accelerators frees CPU for application processing. Silicom’s Dual Port Copper Gigabit Ethernet PCI Express Server adapter is the ideal solution for implementing multiple network segments, mission-critical high-powered networking applications and environments within high performance servers. Silicom’s Dual Port Copper Gigabit Ethernet server adapter is based on Intel 82580 Dual port Gigabit Ethernet MAC+PHY of Intel Controller. Key Features Performance Features: 8 Transmit and Receive queues per port Up to 8 queues of Receive Side Scaling (RSS) minimize CPU utilization across multiple processor systems Support for 8 pools (single queue) of virtual machine Device Queues (VMDq) per port Support Direct Cache Access (DCA) Support Intel I/O Acceleration Technology v3.0 |
同様の部品番号 - PE2G2I80-R |
|
同様の説明 - PE2G2I80-R |