| データシートサーチシステム |
|
74ACT164 データシート(PDF) 5 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
74ACT164 データシート(HTML) 5 Page - National Semiconductor (TI) |
|
5 / 6 page ![]() Ordering Information The device number is used to form part of a simplified purchasing code where the package type and temperature range are defined as follows 74ACT 164 S C X Temperature Range Family Special Variations 74ACT e Commercial TTL-Compatible X e Devices Shipped in 13 reels Device Type Temperature Range C e Commercial (b40 Cto a85 C) Package Code S e Small Outline Package (SOIC) 5 |