| データシートサーチシステム |
|
SN74LS390D データシート(PDF) 3 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
SN74LS390D データシート(HTML) 3 Page - ON Semiconductor |
|
3 / 5 page ![]() 5-3 FAST AND LS TTL DATA SN54/74LS390 • SN54/74LS393 SN54 / 74LS390 BCD TRUTH TABLE (Input on CP0; Q0 CP1) SN54/ 74LS390 ÷5 TRUTH TABLE (Input on CP1) SN54 / 74LS393 TRUTH TABLE COUNT OUTPUTS Q3 Q2 Q1 Q0 0 1 2 3 4 5 6 7 8 9 L L L L L L L L H H L L H H L L H H L L L H L H L H L H L H L L L L H H H H L L COUNT OUTPUTS Q3 Q2 Q1 0 1 2 3 4 L L L L H L H L H L L L H H L COUNT OUTPUTS Q3 Q2 Q1 Q0 0 1 2 3 4 5 6 7 8 9 10 11 L L L L H H H H H H H H L L H H L L H H L L H H L H L H L H L H L H L H L L L L L L L L H H H H 12 13 14 15 L L L L L L H H L H L H H H H H SN54 / 74LS390 ÷10 (50% @ Q0) TRUTH TABLE (Input on CP1, Q3 to CP0) COUNT OUTPUTS Q3 Q2 Q1 Q0 0 1 2 3 4 5 6 7 8 9 L L L L H L L L L H L H L H L L H L H L L L L L L H H H H H L L H H L L L H H L H = HIGH Voltage Level L = LOW Voltage Level GUARANTEED OPERATING RANGES Symbol Parameter Min Typ Max Unit VCC Supply Voltage 54 74 4.5 4.75 5.0 5.0 5.5 5.25 V TA Operating Ambient Temperature Range 54 74 –55 0 25 25 125 70 °C IOH Output Current — High 54, 74 – 0.4 mA IOL Output Current — Low 54 74 4.0 8.0 mA |