データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC1240AECH データシート(PDF) 6 Page - Microchip Technology

部品番号 TC1240AECH
部品情報  Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1240AECH データシート(HTML) 6 Page - Microchip Technology

Back Button TC1240AECH Datasheet HTML 2Page - Microchip Technology TC1240AECH Datasheet HTML 3Page - Microchip Technology TC1240AECH Datasheet HTML 4Page - Microchip Technology TC1240AECH Datasheet HTML 5Page - Microchip Technology TC1240AECH Datasheet HTML 6Page - Microchip Technology TC1240AECH Datasheet HTML 7Page - Microchip Technology TC1240AECH Datasheet HTML 8Page - Microchip Technology TC1240AECH Datasheet HTML 9Page - Microchip Technology TC1240AECH Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TC1240/TC1240A
DS21516C-page 6
 2003 Microchip Technology Inc.
3.0
PIN DESCRIPTION
The description of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
Pin No.
Symbol
Description
1VIN
Power supply input
2
GND
Ground
3
C-
Commutation capacitor negative terminal
4
SHDN
Shutdown input (active high)
5VOUT
Doubled output voltage
6
C+
Commutation capacitor positive terminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16