データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PE2G4SFPI80L-SX-R データシート(PDF) 5 Page - Silicom Ltd.

部品番号 PE2G4SFPI80L-SX-R
部品情報  Quad Port SFP Gigabit Ethernet PCI Express Server Adapter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILICOM [Silicom Ltd.]
ホームページ  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PE2G4SFPI80L-SX-R データシート(HTML) 5 Page - Silicom Ltd.

  PE2G4SFPI80L-SX-R Datasheet HTML 1Page - Silicom Ltd. PE2G4SFPI80L-SX-R Datasheet HTML 2Page - Silicom Ltd. PE2G4SFPI80L-SX-R Datasheet HTML 3Page - Silicom Ltd. PE2G4SFPI80L-SX-R Datasheet HTML 4Page - Silicom Ltd. PE2G4SFPI80L-SX-R Datasheet HTML 5Page - Silicom Ltd. PE2G4SFPI80L-SX-R Datasheet HTML 6Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Silicom Ltd. Connectivity Solutions
Page
5
Operating Humidity:
0%
–90%, non-condensing
Operating Temperature:
0°C
– 45°C (32°F – 113°F)
Storage:
-40°C
–65°C (-40°F–149°F)
EMC Certifications:
FCC Part 15, Subpart B Class A
Conducted Emissions
Radiated Emissions
CE EN 55022: 1998 Class A Amendments A1: 2000; A2: 2003
Conducted Emissions
Radiated Emissions
CE EN 55024: 1998 Amendments A1: 2000; A2: 2003
Immunity for ITE Amendment A1: 2001
CE EN 61000-3-2 2000, Class A
Harmonic Current Emissions
CE EN 61000 3-3 1995, Amendment A1: 2001
Voltage Fluctuations and Flicker
CE IEC 6100-4-2: 1995
ESD Air Discharge 8kV. Contact Discharge 4kV
CE IEC 6100-4-3:1995
Radiated Immunity (80-1000Mhz), 3V/m 80% A.M. by 1kHz
CE IEC 6100-4-4:1995
EFT/B: Immunity to electrical fast transients 1kV Power
Leads, 0.5Kv Signals Leads
CE IEC 6100-4-5:1995
Immunity to conductive surges COM Mode; 2kV,
Dif. Mode 1kV
CE IEC 6100-4-6:1996
Conducted immunity (0.15-80 MHz) 3VRMS 80% A.M.
By 1kHz
CE IEC 6100-4-11:1994
Voltage Dips and Short Interruptions
V reduc >95%, 30% >95% Duration 0.5per, 25per, 250per
MTBF:
211 (Years)
* According to Telcordia SR-332 Issue 2. Environmental condition
– GB (Ground, Fixed, and
Controlled). Ambient temperature 40°C
LEDs
LEDs:
2 LEDs per port
Left LED : Link:
Turns on Yellow Any Speed Link.
Right LED: Link/Act :



Html Pages

1 2 3 4 5 6