| データシートサーチシステム |
|
SN74LS122D データシート(PDF) 3 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
SN74LS122D データシート(HTML) 3 Page - ON Semiconductor |
|
3 / 12 page ![]() SN74LS122 SN74LS123 http://onsemi.com 3 LS122 FUNCTIONAL TABLE INPUTS OUTPUTS CLEAR A1 A2 B1 B2 Q Q L X X X X L H X H HX X L H X X XL X L H X X XX L L H H L X ↑ H H L XH ↑ H X L ↑ H H X LH ↑ H H ↓ HH H ↓ ↓ HH H ↓ HH H ↑ L XH H ↑ X L H H LS123 FUNCTIONAL TABLE INPUTS OUTPUTS CLEAR A B Q Q L X X L H X H XL H X X LL H H L ↑ H ↓ H ↑ L H TYPICAL APPLICATION DATA The output pulse tW is a function of the external components, Cext and Rext or Cext and Rint on the LS122. For values of Cext ≥ 1000 pF, the output pulse at VCC = 5.0 V and VRC = 5.0 V (see Figures 1, 2, and 3) is given by tW = K Rext Cext where K is nominally 0.45 If Cext is on pF and Rext is in kΩ then tW is in nanoseconds. The Cext terminal of the LS122 and LS123 is an internal connection to ground, however for the best system performance Cext should be hard-wired to ground. Care should be taken to keep Rext and Cext as close to the monostable as possible with a minimum amount of inductance between the Rext/Cext junction and the Rext/Cext pin. Good groundplane and adequate bypassing should be designed into the system for optimum performance to ensure that no false triggering occurs. It should be noted that the Cext pin is internally connected to ground on the LS122 and LS123, but not on the LS221. Therefore, if Cext is hard-wired externally to ground, substitution of a LS221 onto a LS123 socket will cause the LS221 to become non-functional. The switching diode is not needed for electrolytic capacitance application and should not be used on the LS122 and LS123. To find the value of K for Cext ≥ 1000 pF, refer to Figure 4. Variations on VCC or VRC can cause the value of K to change, as can the temperature of the LS123, LS122. Figures 5 and 6 show the behavior of the circuit shown in Figures 1 and 2 if separate power supplies are used for VCC and VRC. If VCC is tied to VRC, Figure 7 shows how K will vary with VCC and temperature. Remember, the changes in Rext and Cext with temperature are not calculated and included in the graph. As long as Cext ≥ 1000 pF and 5K ≤ Rext ≤ 260K, the change in K with respect to Rext is negligible. If Cext ≤ 1000 pF the graph shown on Figure 8 can be used to determine the output pulse width. Figure 9 shows how K will change for Cext ≤ 1000 pF if VCC and VRC are connected to the same power supply. The pulse width tW in nanoseconds is approximated by tW = 6 + 0.05 Cext (pF) + 0.45 Rext (kΩ) Cext + 11.6 Rext In order to trim the output pulse width, it is necessary to include a variable resistor between VCC and the Rext/Cext pin or between VCC and the Rext pin of the LS122. Figure 10, 11, and 12 show how this can be done. Rext remote should be kept as close to the monostable as possible. Retriggering of the part, as shown in Figure 3, must not occur before Cext is discharged or the retrigger pulse will not have any effect. The discharge time of Cext in nanoseconds is guaranteed to be less than 0.22 Cext (pF) and is typically 0.05 Cext (pF). For the smallest possible deviation in output pulse widths from various devices, it is suggested that Cext be kept ≥ 1000 pF. |