| データシートサーチシステム |
|
ADE3800SXL データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ADE3800SXL データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 3 page ![]() ADE3800 2/3 Context Sensitive™ Scaler ● Sharper text with Edge Enhancement ● Programmable coefficients for unique customization ● From 5:1 upscale to 2:1 downscale ● Independent X - Y axis zoom and shrink Analog RGB input ● 140 MHz 10-bit ADC ● Ultra low jitter digital Line Lock PLL ● Composite Sync and Sync on Green built-in support IQsync™ AutoSetup ● AutoSetup configures phase, clock, level, and position ● Automatically detects activity on input ● Compatible with all standard VESA and GTF modes Perfect Picture™ Technology ● Video & Picture highlight zone ● Supports up to 4 different windows ● Independent window controls for contrast brightness and color Perfect Color™ Technology ● Programmable 3D Color Warp ● Digital brightness, contrast, hue, and saturation gamma controls ● Simple white point control ● Compatible with sRGB standard ● True color dithering for 18 and 24-bit panels ● Temporal and spatial dithering ● 30-bit programmable gamma table OSD Engine ● 12 KB RAM based 12x18 characters ● 1, 2, 3, 4-bit per pixel color characters ● Multiple Windows ● Bordering, shadowing, transparency, fade-in and fade-out effects ● Supports font rotation ● Up to full screen size, multiple windows ● 64-entry TrueColor LUT with alpha-blending Programmable Timing Controller (TCON) ● Highly programmable support for XGA and SXGA smart panels ● RSDS split line support for SXGA smart panels ● Supports 18, 24, 36, and 48-bit RSDS outputs ● Advanced Flicker Detection and Reduction ● 8 programmable timing signals for row/column control ● Wide range of drivers & TCON compatibility Integrated LVDS Transmitters ● Dual 4 channel 6/8 bit LVDS transmitters ● Programmable channel swapping ● Programmable channel polarity ● Programmable group channel swapping for flexibility in board layout ● Programmable output swing control Advanced EMI Reduction Features ● Flexible data transition minimization, single and dual ● Differential clock and signals ● Spread spectrum - programmable digital FM modulation of the output clock with no external components Output Format ● Supports resolutions up to SXGA @ 75Hz ● Supports resolution above SXGA (1280x1024) with convenient input and output pixel clocks ● Supports 6 or 8-bit Panels ● Supports single or double pixel wide formats |