データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

USB2224 データシート(PDF) 15 Page - SMSC Corporation

部品番号 USB2224
部品情報  BUS POWERED USB2.0 FLASH MEDIA CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SMSC [SMSC Corporation]
ホームページ  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2224 データシート(HTML) 15 Page - SMSC Corporation

Back Button USB2224 Datasheet HTML 11Page - SMSC Corporation USB2224 Datasheet HTML 12Page - SMSC Corporation USB2224 Datasheet HTML 13Page - SMSC Corporation USB2224 Datasheet HTML 14Page - SMSC Corporation USB2224 Datasheet HTML 15Page - SMSC Corporation USB2224 Datasheet HTML 16Page - SMSC Corporation USB2224 Datasheet HTML 17Page - SMSC Corporation USB2224 Datasheet HTML 18Page - SMSC Corporation USB2224 Datasheet HTML 19Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Bus Powered USB2.0 Flash Media Controller
Datasheet
SMSC USB2224
Page 15
Revision 1.3 (09-21-04)
DATASHEET
6.2
Buffer Type Descriptions
Table 6.2 - USB2224 Buffer Type Descriptions
BUFFER
DESCRIPTION
I
Input
IPU
Input with controlled internal weak pull-up resistor.
IPD
Input with controlled internal weak pull-down resistor.
IS
Input with Schmitt trigger
I/O8
Input/Output with 8mA drive
I/OD8
Input/Open drain output … 8mA sink
O8
Output with 8mA drive
I/O8PU
Input/Output with 8mA drive controlled weak pull-up resistor
I/O8PD
Input/Output with 8mA drive controlled weak pull-down resistor
ICLKx
XTAL clock input
OCLKx
XTAL clock output
I/O-U
Analog Input/Output Defined in USB specification
O-U
Analog Output
I-U
Analog Input
OIA
Special analog Input/Output
6.3
GPIO Usage Table
Table 6.3 - GPIO Usage
NAME
ACTIVE
LEVEL
SYMBOL
DESCRIPTION AND NOTE
GPIO1
H/L
ACT/DOOR
Media Activity LED / xD Door SW
Input
GPIO2
H
EE_CS
Serial EE PROM chip select
GPIO3
H
V_BUS
USB V bus detect
GPIO4
H/L
EE_DIN/EE_DOUT/xDID
Serial EE PROM input/output and
xD ID pin input
GPIO5
L
SD_CD
SD Card Detect SW Input. In
production ROM versions, this pin
must always be pulled high except
to indicate SD card insertion. If no
SD interface is used, this pin must
still be pulled high for proper
operation.
GPIO6
H
A16 ( external ROM only )
/ROMEN
Int/Ext ROM select. External
program memory A16 address line
connect for DFU.
GPIO7
H
EE_CLK
Serial EE PROM clock output
GPIO8
L
MS Power Control
Memory Stick Card Power Control
GPIO9
L
CF Power Control
CompactFlash Card Power Control
GPIO10
L
SM Power Control
SmartMedia Card Power Control
GPIO11
L
SD Power Control
SD/MMC Card Power Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com