データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TG110-RPE15NVRL データシート(PDF) 2 Page - HALO Electronics, Inc.

部品番号 TG110-RPE15NVRL
部品情報  SMD 48-Pin Dual Port Gig or Quad Port 10/100BASE-TX PoE/PoE Isolation Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HALO [HALO Electronics, Inc.]
ホームページ  https://www.haloelectronics.com/
Logo HALO - HALO Electronics, Inc.

TG110-RPE15NVRL データシート(HTML) 2 Page - HALO Electronics, Inc.

  TG110-RPE15NVRL Datasheet HTML 1Page - HALO Electronics, Inc. TG110-RPE15NVRL Datasheet HTML 2Page - HALO Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NV Package
© Copyright 2017 HALO Electronics, Inc. All rights reserved.
Revised 8/2015REV3. Download the latest version at www.haloelectronics.com/pdf/discrete-dualpoe-1gbaset.pdf
2880 Lakeside Drive #116
Santa Clara, CA 95054
(650) 903-3800
www.haloelectronics.com
HALO® Electronics is a leading supplier of high quality communication magnetics
including signal transformers, filters, CMR chokes, PoE power transformers, DC/
DC isolation modules, and integrated Ethernet connectors. HALO’s high quality
and competitively priced leading edge technology solutions are manufactured
in ISO9001 and ISO14001 factories.
NV6 Package
HALO Dual Port PoE Gigabit Ethernet Transformers
US Patent Numbers:
5,656,985
6,297,721 B1
6,297,720 B1 6,320,489 B1
6,344,785 B1 6,662.431 B1
Recommended Solder Pad Dimensions
Recommended Solder Pad Dimensions
Dimensions: inch [mm]
Co-Planarity: 0.004 [0.10]
Dimensions: inch [mm]
Co-Planarity: 0.004 [0.10]
Circuit A
Circuit B
Circuit C
Circuit D



Html Pages

1 2