データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LSM6DSR データシート(PDF) 100 Page - STMicroelectronics

部品番号 LSM6DSR
部品情報  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSR データシート(HTML) 100 Page - STMicroelectronics

Back Button LSM6DSR Datasheet HTML 96Page - STMicroelectronics LSM6DSR Datasheet HTML 97Page - STMicroelectronics LSM6DSR Datasheet HTML 98Page - STMicroelectronics LSM6DSR Datasheet HTML 99Page - STMicroelectronics LSM6DSR Datasheet HTML 100Page - STMicroelectronics LSM6DSR Datasheet HTML 101Page - STMicroelectronics LSM6DSR Datasheet HTML 102Page - STMicroelectronics LSM6DSR Datasheet HTML 103Page - STMicroelectronics LSM6DSR Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 168 page
background image
11.12
FSM_INT2_B (10h)
INT2 pin control register (r/w).
Each bit in this register enables a signal to be carried over INT2. The pin's output will supply the OR combination
of the selected signals.
Table 200. FSM_INT2_B register
INT2_FSM16
INT2_FSM15
INT2_FSM14
INT2_FSM13
INT2_FSM12
INT2_FSM11
INT2_FSM10
INT2_FSM9
Table 201. FSM_INT2_B register description
INT2_FSM16(1)
Routing of FSM16 interrupt event on INT2. Default value: 0
(0: routing on INT2 disabled; 1: routing on INT2 enabled)
INT2_FSM15(1)
Routing of FSM15 interrupt event on INT2. Default value: 0
(0: routing on INT2 disabled; 1: routing on INT2 enabled)
INT2_FSM14(1)
Routing of FSM14 interrupt event on INT2. Default value: 0
(0: routing on INT2 disabled; 1: routing on INT2 enabled)
INT2_FSM13(1)
Routing of FSM13 interrupt event on INT2. Default value: 0
(0: routing on INT2 disabled; 1: routing on INT2 enabled)
INT2_FSM12(1)
Routing of FSM12 interrupt event on INT2. Default value: 0
(0: routing on INT2 disabled; 1: routing on INT2 enabled)
INT2_FSM11(1)
Routing of FSM11 interrupt event on INT2. Default value: 0
(0: routing on INT2 disabled; 1: routing on INT2 enabled)
(0: routing on INT1 disabled; 1: routing on INT1 enabled)
INT2_FSM10(1)
Routing of FSM10 interrupt event on INT2. Default value: 0
(0: routing on INT2 disabled; 1: routing on INT2 enabled)
INT2_FSM9(1)
Routing of FSM9 interrupt event on INT2. Default value: 0
(0: routing on INT2 disabled; 1: routing on INT2 enabled)
1. This bit is effective if the INT2_EMB_FUNC bit of MD2_CFG (5Fh) is set to 1.
LSM6DSR
FSM_INT2_B (10h)
DS11976 - Rev 2
page 100/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More