| データシートサーチシステム |
|
LSM6DSR データシート(PDF) 126 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSR データシート(HTML) 126 Page - STMicroelectronics |
|
126 / 168 page ![]() 13.1.10 MAG_SI_ZZ_L (D0h) and MAG_SI_ZZ_H (D1h) Soft-iron (3x3 symmetric) matrix correction register (r/w). The value is expressed as half-precision floating-point format: SEEEEEFFFFFFFFFF (S: 1 sign bit; E: 5 exponent bits; F: 10 fraction bits). Table 304. MAG_SI_ZZ_L register MAG_SI_ ZZ_7 MAG_SI_ ZZ_6 MAG_SI_ ZZ_5 MAG_SI_ ZZ_4 MAG_SI_ ZZ_3 MAG_SI_ ZZ_2 MAG_SI_ ZZ_1 MAG_SI_ ZZ_0 Table 305. MAG_SI_ZZ_L register description MAG_SI_ZZ_[7:0] Soft-iron correction row3 col3 coefficient (LSbyte). Default value: 00000000 Table 306. MAG_SI_ZZ_H register MAG_SI_ ZZ_15 MAG_SI_ ZZ_14 MAG_SI_ ZZ_13 MAG_SI_ ZZ_12 MAG_SI_ ZZ_11 MAG_SI_ ZZ_10 MAG_SI_ ZZ_9 MAG_SI_ ZZ_8 Table 307. MAG_SI_ZZ_H register description MAG_SI_ZZ_[15:8] Soft-iron correction row3 col3 coefficient (MSbyte). Default value: 00111100 LSM6DSR Page 0 - Embedded advanced features registers DS11976 - Rev 2 page 126/168 |