| データシートサーチシステム |
|
UM2179 データシート(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM2179 データシート(HTML) 32 Page - STMicroelectronics |
|
32 / 48 page ![]() Hardware layout and configuration UM2179 32/48 UM2179 Rev 9 Figure 12. NUCLEO-L496ZG-P NUCLEO-L496ZG-P CN7 CN10 CN8 CN9 1 3 5 7 9 11 13 15 17 19 2 4 6 8 10 12 14 16 18 20 1 3 5 7 9 11 13 15 2 4 6 8 10 12 14 16 1 3 5 7 9 11 13 15 17 19 21 23 25 27 29 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 1 3 5 7 9 11 13 15 17 19 21 23 25 27 29 31 33 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 34 PC8 PF5 PF3 PD2 PC12 PC11 PC10 PC9 GND PD3 PD4 PD5 PD6 PD7 PG1 PF9 PF7 PF8 PE3 PE6 PE4 PE2 PE5 D34 D33 D32 GND D31 D30 D29 D28 GND D25 D24 D23 D22 D21 D20 D19 D18 D17 D16 D27 D26 A8 A7 A6 GND AGND AVDD PE0 PB0 PA0 GND PE14 PE12 PB0 PE15 GND PB4 PA4 PB3 PB5 PB4 PA4 PB12 PB13 PB15 PC6 PB10 PA2 PA1 PC2 PB1 GND AGND AVDD D50 D49 D48 D47 D46 D45 D44 D43 GND D55 D54 D53 D52 D51 D64 D63 D62 D61 D60 D59 D58 D57 D56 Arduino subset of Zio = A0 to A5 and D0 to D15 Zio extension = A6 to A8 and D16 to D72 USB OTG USB ST-LINK D65 D66 D67 GND D68 D69 D70 D71 D72 VIN GND GND +5V +3V3 RESET IOREF NC A5 A4 A3 A2 A1 A0 PG0 PD1 PD0 GND PF0 PF1 PF2 PB6 PB2 VIN GND GND +5V +3V3 RESET IOREF NC PC5 PC4 PC1 PC3 PC0 PA3 PF12 PD15 PD14 PA7 PA6 PA5 GND NC PB9 PB8 PD9 PD8 PF15 PE13 PF14 PE11 PE9 PF13 NC PB10 PE15 PE14 PE12 PE10 PE7 PE8 GND D8 D9 D10 D11 D12 D13 GND AVDD D14 D15 D0 D1 D2 D3 D4 D5 D6 D7 D35 D36 D37 D38 D39 D40 GND D41 D42 |