データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADD8702ACP-R2 データシート(PDF) 3 Page - Analog Devices

部品番号 ADD8702ACP-R2
部品情報  12-Channel Gamma Buffers with Vcom Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADD8702ACP-R2 データシート(HTML) 3 Page - Analog Devices

  ADD8702ACP-R2 Datasheet HTML 1Page - Analog Devices ADD8702ACP-R2 Datasheet HTML 2Page - Analog Devices ADD8702ACP-R2 Datasheet HTML 3Page - Analog Devices ADD8702ACP-R2 Datasheet HTML 4Page - Analog Devices ADD8702ACP-R2 Datasheet HTML 5Page - Analog Devices ADD8702ACP-R2 Datasheet HTML 6Page - Analog Devices ADD8702ACP-R2 Datasheet HTML 7Page - Analog Devices ADD8702ACP-R2 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
REV. 0
ADD8702
–3–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
ADD8702 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage (VS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 V
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range . . . . . . . . . . . . –40
°C to +85°C
Junction Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering, 60 sec.) . . . . . . . . 300
°C
ESD Tolerance (HBM) . . . . . . . . . . . . . . . . . . . . . . .
±1,000 V
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
ADD8702ACP-R2
–40
°C to +85°C
32-Lead LFCSP
CP-32
ADD8702ACP-REEL
–40
°C to +85°C
32-Lead LFCSP
CP-32
ADD8702ACP-REEL7
–40
°C to +85°C
32-Lead LFCSP
CP-32
Package Type
JA
1
JB
2
Unit
32-Lead LFCSP (CP)
35
13
°C/W
NOTES
1
θ
JA is specified for worst-case conditions, i.e.,
θ
JA is specified for device soldered
in circuit board for surface-mount packages.
2
ψ
JB is applied for calculating the junction temperature by reference to the board
temperature.
PIN CONFIGURATION
PIN 1
INDICATOR
TOP VIEW
24 GND
23 VDD
22 VGMA6
21 VGMA5
VDD 1
VCOM ADJ 2
VHIGH 3
20 VGMA4
19 VGMA3
18 VGMA2
17 VGMA1
VIN11 4
VIN10 5
VIN9 6
VIN8 7
VIN7 8
ADD8702
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Description
1, 15, 23
VDD
Power (+)
2VCOM ADJ
VCOM Adjust Input
3VHIGH
Highest Gamma Input Voltage
4–13
VIN11–VIN2Gamma Buffer Inputs
14
VLOW
Lowest Gamma Input Voltage
16, 24, 31
GND
Power (–)
17–22, 25–30
VGMA1–VGMA12
Gamma Buffer Outputs
32
VCOM OUT
VCOM Buffer Output



Html Pages

1 2 3 4 5 6 7 8