データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EMMT-AS-80-M-HS-RMB データシート(PDF) 3 Page - Festo Corporation.

部品番号 EMMT-AS-80-M-HS-RMB
部品情報  Servo motor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FESTO [Festo Corporation.]
ホームページ  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

EMMT-AS-80-M-HS-RMB データシート(HTML) 3 Page - Festo Corporation.

  EMMT-AS-80-M-HS-RMB Datasheet HTML 1Page - Festo Corporation. EMMT-AS-80-M-HS-RMB Datasheet HTML 2Page - Festo Corporation. EMMT-AS-80-M-HS-RMB Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Feature
Value
MTTF, subcomponent
190 years, rotor position sensor
MTTFd, subcomponent
380 years, rotor position sensor
Switching cycles, holding brake
10 million idle actuations (without friction work!)
Product weight
3360 g
Interface code, motor out
80P
Note on materials
Contains paint-wetting impairment substances
RoHS-compliant
Conforms to standard
IEC 60034
12/21/20 - Subject to change - Festo AG & Co. KG
3/3



Html Pages

1 2 3