| データシートサーチシステム |
|
XIO2001IPNP データシート(PDF) 4 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
XIO2001IPNP データシート(HTML) 4 Page - Texas Instruments |
|
4 / 144 page ![]() 4 XIO2001 SCPS212I – MAY 2009 – REVISED JANUARY 2016 www.ti.com Product Folder Links: XIO2001 Submit Documentation Feedback Copyright © 2009–2016, Texas Instruments Incorporated Revision History (continued) REVISION DATE REVISION NUMBER REVISION COMMENTS 9/2014 I Changed pin F10 From: VDD_15 To: VDD_15_PLL in the ZGU package Changed pin F11 From: VDD_15 To: VDD_15_PLL in the ZAJ package Changed pin 84 From: VDDA_15 To: VDD_15_PLL in the PNP package Changed the pin name from VDD_15_PULL to VDD_15_PLL in the Pin Functions table. Changed PCIR description in the Pin Functions table From: "Connect this terminals to the secondary PCI bus..." To: "Connect each one of these terminals to the secondary PCI bus.." Deleted text from the LOCK pin description in the Pin Functions table: "when bit 12 (LOCK_EN) is set in the general control register (see General Control Register)." |