| データシートサーチシステム |
|
MPXV7002DPT1 データシート(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPXV7002DPT1 データシート(HTML) 4 Page - NXP Semiconductors |
|
4 / 13 page ![]() MPXV7002 Sensors 4 NXP B.V. 2 Maximum Ratings Figure 1 shows a block diagram of the internal circuitry integrated on a pressure sensor chip. Figure 1. Integrated Pressure Sensor Schematic Table 2. Maximum Ratings(1) 1.Exposure beyond the specified limits may cause permanent damage or degradation to the device. Rating Symbol Value Unit Maximum Pressure (P1 > P2) Pmax 75 kPa Storage Temperature Tstg –30 to +100 °C Operating Temperature TA 10 to 60 °C Sensing Element Thin Film Temperature Compensation and Gain Stage #1 Gain Stage #2 and Ground Reference Shift Circuitry VS Vout GND Pins 1, 5, 6, 7, and 8 are NO CONNECTS for Small Outline Package Device 2 4 3 |