| データシートサーチシステム |
|
RX113 データシート(PDF) 24 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RX113 データシート(HTML) 24 Page - Renesas Technology Corp |
|
24 / 131 page ![]() R01DS0216EJ0120 Rev.1.20 Page 24 of 131 Sep 07, 2020 RX113 Group 2. CPU 2. CPU Figure 2.1 shows the register set of the CPU. Figure 2.1 Register Set of the CPU Note 1. The stack pointer (SP) can be the interrupt stack pointer (ISP) or user stack pointer (USP), according to the value of the U bit in the PSW register. USP (User stack pointer) ISP (Interrupt stack pointer) INTB (Interrupt table register) PC (Program counter) PSW (Processor status word) BPC (Backup PC) BPSW (Backup PSW) FINTV (Fast interrupt vector register) R15 R14 R13 R12 R11 R10 R9 R8 R7 R6 R5 R4 R3 R2 R1 R0 (SP) *1 General-purpose registers Control registers b31 b0 b31 b0 DSP instruction register b63 b0 ACC (Accumulator) |