| データシートサーチシステム |
|
R5F56517FDFM データシート(PDF) 49 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F56517FDFM データシート(HTML) 49 Page - Renesas Technology Corp |
|
49 / 246 page ![]() RX65N Group, RX651 Group 1. Overview R01DS0276EJ0230 Rev.2.30 Page 49 of 246 Jun 20, 2019 Note 1. The 176-pin LFBGA does not include the E5 pin. Note 2. P53 is multiplexed with the BCLK pin function, so cannot be used as an I/O port pin when the external bus is enabled. R9 P53*2 BCLK R10 VSS R11 VCC R12 P80 EDREQ0 MTIOC3B/ PO26 ET0_TX_EN/ RMII0_TXD_EN/ SCK10/RTS10# QIO2-A/SDHI_WP/ MMC_D2-A LCD_DA TA14-A R13 P76 CS6# PO22 ET0_RX_CLK/ REF50CK0/ SMISO11/ SSCL11/RXD11 QSSL-A/ SDHI_CMD-A/ SDSI_CMD-A/ MMC_CMD-A LCD_DA TA18-A R14 P74 A20/CS4# PO19 ET0_ERXD1/ RMII0_RXD1/ SS11#/CTS11# LCD_DA TA21-A R15 PC1 A17 MTIOC3A/ TCLKD/PO18 ET0_ERXD2/ SCK5/SSLA2-A LCD_DA TA22-A IRQ12 Table 1.5 List of Pin and Pin Functions (177-Pin TFLGA, 176-Pin LFBGA) (8/8) Pin Number Power Supply Clock System Control I/O Port Bus EXDMAC SDRAMC Timer Communication Memory Interface Camera Interface GLCDC Interrupt A/D D/A 177-Pin TFLGA 176-Pin LFBGA (MTU, TPU, TMR, PPG, RTC, CMTW, POE, CAC) (ETHERC, SCI, RSPI, RIIC, CAN, USB) (QSPI, SDHI, SDSI, MMCIF, PDC) |