| データシートサーチシステム |
|
TLE4943C データシート(PDF) 15 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4943C データシート(HTML) 15 Page - Infineon Technologies AG |
|
15 / 48 page ![]() TLE4943C Data Sheet 15 V 1.2, July 2018 2.7.3 Protocol at Normal Speed At normal speed (signal frequencies less than 1800Hz) all data bits are transmitted. At the beginning the initial bit (Ilow) is sent for tp/2. Then the speed pulse with duration tp is issued which is followed by a current level Ilow for tp/2. After that the data protocol is sent. Figure 10 Protocol at normal speed Zero crossing tp tp tp bit0 bit5 bit4 bit3 bit2 bit1 bit7 bit6 Parity Bit is completely transmitted tp/2 Ihigh Imid Ilow 3*tp/2 tp tp tp bit0 bit5 bit4 bit3 bit2 bit1 bit7 bit6 Parity tp/2 3*tp/2 tp tp tp tp tp tp tp |