データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BLUENRG-LP データシート(PDF) 30 Page - STMicroelectronics

部品番号 BLUENRG-LP
部品情報  Programmable Bluetooth® Low Energy wireless SoC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-LP データシート(HTML) 30 Page - STMicroelectronics

Back Button BLUENRG-LP Datasheet HTML 26Page - STMicroelectronics BLUENRG-LP Datasheet HTML 27Page - STMicroelectronics BLUENRG-LP Datasheet HTML 28Page - STMicroelectronics BLUENRG-LP Datasheet HTML 29Page - STMicroelectronics BLUENRG-LP Datasheet HTML 30Page - STMicroelectronics BLUENRG-LP Datasheet HTML 31Page - STMicroelectronics BLUENRG-LP Datasheet HTML 32Page - STMicroelectronics BLUENRG-LP Datasheet HTML 33Page - STMicroelectronics BLUENRG-LP Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 72 page
background image
3
Memory mapping
Program memory, data memory and registers are organized within the same linear 4-Gbyte address space. The
detailed memory map and the peripheral mapping of the BlueNRG-LP can be found in the reference manual
(RM0479).
Figure 10. Memory map
SRAM0 (16 kB)
0x4000 0000
APB0
APB1
AHB0
0x4100 0000
0x4800 0000
Peripherals
CortexTM M0+
Internal
Peripherals
0xFFFF FFFF
SRAM
0x2000 0000
0x1004 0000
0x1007 FFFF
0x2000 4000
0x2000 FFFF
0x6000 0000
APB2 (RF)
0x8FFF FFFF
CODE
0x4000 0000
0xE000 0000
0x2000 0000
0x0000 0000
0x2000 8000
Main FLASH (256 kB)
0x8FFF FFFF
Reserved
Reserved
CortexTM M0+
Flash or SRAM0,
depending on REMAP
configuration
Reserved
0x1000 0000
0x0000 0000
0x0000 3FFF
0xE00F FFFF
Reserved
Reserved
Reserved
Reserved
0x1007 FFFF
SRAM1 (16 kB)
SRAM2 (16 kB)
SRAM3 (16 kB)
0x2000 C000
0x2FFF FFFF
Reserved
Reserved
Reserved
Reserved
0x4002 0000
0x4100 2000
0x6002 0000
Reserved
0x2FFF FFFF
BlueNRG-LP
Memory mapping
DS13282 - Rev 2
page 30/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72