| データシートサーチシステム |
|
BLUENRG-355AC データシート(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BLUENRG-355AC データシート(HTML) 21 Page - STMicroelectronics |
|
21 / 72 page ![]() • TX_SEQUENCE is available on PA10 (AF2) or PB15 (AF1). • RX_SEQUENCE is available on PA8 (AF2) or PA11 (AF2). The signal is high when radio is in TX (or RX), low otherwise. The signals can be used to control external antenna switching and support coexistence with other wireless technologies. BlueNRG-LP TX and RX event alert DS13282 - Rev 2 page 21/72 |