| データシートサーチシステム |
|
STDRIVE101 データシート(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STDRIVE101 データシート(HTML) 8 Page - STMicroelectronics |
|
8 / 13 page ![]() 2 Waste and recycling TheEvaluation Board is not to be disposed of as urban waste. At the end of its life cycle, differentiated waste collection must be followed. Consult local authorities for more information on the proper disposal channels and recycling centers. It is mandatory to collect separately the Demonstration Board and make sure it is delivered to the appropriate waste management and recycling centers. As of 15 August 2018, in all countries belonging to the European Union, the Demonstration Board is subject to the requirements of WEEE Directive 2012/19/EU, and therefore it is forbidden to dispose of the Demonstration Board as undifferentiated waste or with other domestic waste. Incorrect disposal of the Demonstration Board may cause damage to the environment and may incur fines based on specific countries’ rules, regulations, and laws. EVALSTDRIVE101 Waste and recycling DB4298 - Rev 1 page 8/13 |