| データシートサーチシステム |
|
L1920 データシート(PDF) 3 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
L1920 データシート(HTML) 3 Page - 3M Electronics |
|
3 / 5 page ![]() 3M ™ Cushion-Mount™Plus Plate Mounting Tapes with Easy Mount Adhesive L1815 • L1715 • L1515 • L1015 • L1315 • L1915 • L1915S • L1215 • L1115 L1820 • L1720 • L1520 • L1020 • L1320 • L1920 • L1920S • L1220 • L1120 Typical Physical Properties and Performance Characteristics Note: The following technical information and data should be considered representative or typical only and should not be used for specification purposes. Product 3M ™ Cushion-Mount™ Plus Standard Combination Plate Mounting Tapes 3M ™ Cushion-Mount™ Plus Medium Soft Process Plate Mounting Tapes 3M ™ Cushion-Mount™ Plus Light Medium Combination Plate Mounting Tapes L1015 L1020 L1315 L1320 L1915 L1920 Adhesive Differential Acrylate Differential Acrylate Differential Acrylate Polyethylene Carrier Standard White Foam Medium Soft Yellow Foam Light Medium Pink Foam Type of Printing Combination of solids and tone reproduction where solids and process are equally important Combination of solids and tone reproduction where process printing is important Combination of solids and tone reproduction where process printing is important Application Thickness in (mm) 0.015 (0.0381) 0.020 (0.508) 0.015 (0.0381) 0.020 (0.508) 0.015 (0.0381) 0.020 (0.508) Thickness Tape in (mm) Film Liner in (mm) Lot to Lot Tolerance in (mm) Typical Application Area in Caliper Variation (mm) 0.017 (0.432) 0.022 (0.559) 0.017 (0.432) 0.022 (0.559) 0.017 (0.432) 0.022 (0.559) 0.0045 (0.114) 0.0045 (0.114) 0.0045 (0.114) 0.0045 (0.114) 0.0045 (0.114) 0.0045 (0.114) ±0.0015 (±0.038) ±0.0015 (±0.038) ±0.0015 (±0.038) ±0.0015 (±0.038) ±0.0015 (±0.038) ±0.0015 (±0.038) ±0.0004 (±0.010) ±0.0004 (±0.010) ±0.0004 (±0.010) ±0.0004 (±0.010) ±0.0004 (±0.010) ±0.0004 (±0.010) Roll Length yd (m) 25 (22.9) 25 (22.9) 25 (22.9) 25 (22.9) 25 (22.9) 25 (22.9) Maximum Width in (mm) 54 (1371.6) 54 (1371.6) 54 (1371.6) 54 (1371.6) 54 (1371.6) 54 (1371.6) Minimum Width in (mm) 2 (50.8) 2 (50.8) 2 (50.8) 2 (50.8) 2 (50.8) 2 (50.8) Slitting Tolerance in (mm) ±1/32 (±0.794) ±1/32 (±0.794) ±1/32 (±0.794) ±1/32 (±0.794) ±1/32 (±0.794) ±1/32 (±0.794) Density lb/ft 3 (kg/m3) 28 (450) 28 (450) 27 (433) 27 (433) 26 (416) 26 (416) Compression Deflection 10% Compression lb/in 2 (kPa) 25% Compression lb/in 2 (kPa) 15 (104) 15 (104) 12 (49) 12 (49) 10 (70) 10 (70) 30 (207) 30 (207) 25 (172) 25 (172) 20 (138) 20 (138) Durometer ASTM-D2240 Shore A 65 65 63 63 60 60 Peel Adhesion (Modified ASTM-D3330) Non-linered side - oz/in Stainless Steel (N/100mm) Non-linered side - oz/in Composite Sleeve (N/100mm) Non-linered side - oz/in Polyester (N/100mm) Non-linered side - oz/in Urethane - A (N/100mm) Non-linered side - oz/in Urethane - B (N/100mm) 55 (60) 55 (60) 55 (60) 55 (60) 30 (33) 30 (33) 65 (71) 65 (71) 65 (71) 65 (71) 28 (31) 28 (31) 60 (66) 60 (66) 60 (66) 60 (66) 35 (39) 35 (39) 80 (88) 80 (88) 80 (88) 80 (88) 45 (50) 45 (50) 65 (71) 65 (71) 65 (71) 65 (71) 35 (39) 35 (39) Peel Adhesion (Modified ASTM-D3330) Linered side - oz/in Photopolymer (N/100mm) 15 (16) 15 (16) 15 (16) 15 (16) 15 (16) 15 (16) Solvent Resistance Water Alkanes Alcohols Acetates Excellent Excellent Good Fair Excellent Excellent Good Fair Excellent Excellent Good Fair Excellent Excellent Good Fair Excellent Excellent Good Fair Excellent Excellent Good Fair Heat Resistance °F (°C) 120 (49) 120 (49) 120 (49) 120 (49) 120 (49) 120 (49) - 3 - |