| データシートサーチシステム |
|
M24128X-FCU6T/T データシート(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24128X-FCU6T/T データシート(HTML) 10 Page - STMicroelectronics |
|
10 / 35 page ![]() 6.1.1 Byte write After the device select code and the address bytes, the bus master sends one data byte. If the addressed location is write-protected, with the SWP bit set to '1', the device replies with NoACK, and the location is not modified, as shown in Figure 6. If, instead, the addressed location is not Write-protected, the device replies with ACK. The bus master terminates the transfer by generating a stop condition, as shown in Figure 5. Figure 5. Write mode sequence SWP bit = 0 (data write enabled) Byte Write Dev sel Byte addr Byte addr Data in Page Write Dev sel Byte addr Byte addr Data in 1 Data in 2 Page Write (cont'd) Data in N ACK R/W ACK ACK ACK ACK ACK ACK ACK R/W ACK ACK M24128X-FCU Write operations on memory array DS12680 - Rev 2 page 10/35 |