| データシートサーチシステム |
|
STM8S003F3P6 データシート(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S003F3P6 データシート(HTML) 51 Page - STMicroelectronics |
|
51 / 103 page ![]() DS7147 Rev 10 51/103 STM8S003F3 STM8S003K3 Electrical characteristics 87 9.3.1 VCAP external capacitor Stabilization for the main regulator is achieved connecting an external capacitor CEXT to the VCAP pin. CEXT is specified in Table 19. Care should be taken to limit the series inductance to less than 15 nH. Figure 10. External capacitor CEXT 1. Legend: ESR is the equivalent series resistance and ESL is the equivalent inductance. 9.3.2 Supply current characteristics The current consumption is measured as described in Section 9.1.5: Pin input voltage. Total current consumption in run mode The MCU is placed under the following conditions: • All I/O pins in input mode with a static value at VDD or VSS (no load) • All peripherals are disabled (clock stopped by Peripheral Clock Gating registers) except if explicitly mentioned. Subject to general operating conditions for VDD and TA. MSv36488V1 ESR RLeak ESL C |