データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F334C6U6TR データシート(PDF) 32 Page - STMicroelectronics

部品番号 STM32F334C6U6TR
部品情報  Arm®Cortex®-M4 32b MCUFPU,up to 64KB Flash,16KB SRAM, 2 ADCs,3 DACs,3 comp.,op-amp, 217ps 10-ch (HRTIM1)
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F334C6U6TR データシート(HTML) 32 Page - STMicroelectronics

Back Button STM32F334C6U6TR Datasheet HTML 28Page - STMicroelectronics STM32F334C6U6TR Datasheet HTML 29Page - STMicroelectronics STM32F334C6U6TR Datasheet HTML 30Page - STMicroelectronics STM32F334C6U6TR Datasheet HTML 31Page - STMicroelectronics STM32F334C6U6TR Datasheet HTML 32Page - STMicroelectronics STM32F334C6U6TR Datasheet HTML 33Page - STMicroelectronics STM32F334C6U6TR Datasheet HTML 34Page - STMicroelectronics STM32F334C6U6TR Datasheet HTML 35Page - STMicroelectronics STM32F334C6U6TR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 125 page
background image
Pinout and pin descriptions
STM32F334x4 STM32F334x6 STM32F334x8
32/125
DS9994 Rev 9
4
Pinout and pin descriptions
Figure 4. LQFP32 pinout
1. The above figure shows the package top view.
Figure 5. LQFP48 pinout
1. The above figure shows the package top view.
MS31949V3
32 31 30 29 28 27 26 25
VDD
1
2
3
4
PF0/OSC_IN
5
24
PA14
6
LQFP32
23
PA13
NRST
7
22
PA12
8
21
PA11
20
PA10
PA1
19
PA9
PA8
17
9
1011
1213141516
VDD
PF1/OSC_OUT
VDDA/VREF+
PA2
18
PA0
MSv36901V2
48
47
46
45
44
43
42
41
40
39
38
37
VBAT
136
VDD
PC13
235
VSS
PC14/OSC32_IN
334
PA13
433
PA12
PF0/OSC_IN
532
PA11
6
LQFP48
31
PA10
NRST
730
PA9
VSSA/VREF-
829
PA8
928
PB15
PA0
10
27
PB14
11
26
PB13
12
25
PB12
13
14
15
16
17
18
19
20
21
22
23
24
PC15/OSC32_OUT
PF1/OSC_OUT
VDDA/VREF+
PA1
PA2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More