データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F091VCY6TP データシート(PDF) 45 Page - STMicroelectronics

部品番号 STM32F091VCY6TP
部品情報  ARM®-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC, and comm. interfaces, 2.0 - 3.6V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F091VCY6TP データシート(HTML) 45 Page - STMicroelectronics

Back Button STM32F091VCY6TP Datasheet HTML 41Page - STMicroelectronics STM32F091VCY6TP Datasheet HTML 42Page - STMicroelectronics STM32F091VCY6TP Datasheet HTML 43Page - STMicroelectronics STM32F091VCY6TP Datasheet HTML 44Page - STMicroelectronics STM32F091VCY6TP Datasheet HTML 45Page - STMicroelectronics STM32F091VCY6TP Datasheet HTML 46Page - STMicroelectronics STM32F091VCY6TP Datasheet HTML 47Page - STMicroelectronics STM32F091VCY6TP Datasheet HTML 48Page - STMicroelectronics STM32F091VCY6TP Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 128 page
background image
DocID026284 Rev 4
45/128
STM32F091xB STM32F091xC
Memory mapping
48
5
Memory mapping
To the difference of STM32F091xC memory map in Figure 10, the two bottom code memory
spaces of STM32F091xB end at 0x0001 FFFF and 0x0801 FFFF, respectively.
Figure 10. STM32F091xC memory map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More