| データシートサーチシステム |
|
STM32G031C4 データシート(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G031C4 データシート(HTML) 38 Page - STMicroelectronics |
|
38 / 117 page ![]() Pinouts, pin description and alternate functions STM32G031x4/x6/x8 38/117 DS12992 Rev 2 - - - - 19 29 PA9 I/O FT_f - MCO, USART1_TX, TIM1_CH2, SPI2_MISO, I2C1_SCL, EVENTOUT - - - - 17 20 30 PC6 I/O FT - TIM3_CH1, TIM2_CH3 - - - - - - 31 PC7 I/O FT - TIM3_CH2, TIM2_CH4 - - - - - 21 32 PA10 I/O FT_f - SPI2_MOSI, USART1_RX, TIM1_CH3, TIM17_BK, I2C1_SDA, EVENTOUT - - - - - - 33 PA11 [PA9] I/O FT_f (3) SPI1_MISO/I2S1_MCK, USART1_CTS, TIM1_CH4, TIM1_BK2, I2C2_SCL - 5 C1 16 18 22 - PA11 [PA9] I/O FT_fa (3) SPI1_MISO/I2S1_MCK, USART1_CTS, TIM1_CH4, TIM1_BK2, I2C2_SCL ADC_IN15 - - - - - 34 PA12 [PA10] I/O FT_f (3) SPI1_MOSI/I2S1_SD, USART1_RTS_DE_CK, TIM1_ETR, I2S_CKIN, I2C2_SDA - 6 B2 17 19 23 - PA12 [PA10] I/O FT_fa (3) SPI1_MOSI/I2S1_SD, USART1_RTS_DE_CK, TIM1_ETR, I2S_CKIN, I2C2_SDA ADC_IN16 7 A1 18 20 24 35 PA13 I/O FT_ea (4) SWDIO, IR_OUT, EVENTOUT ADC_IN17 8 A3 19 21 25 36 PA14-BOOT0 I/O FT_a (4) SWCLK, USART2_TX, EVENTOUT ADC_IN18, BOOT0 8A3 19 22 26 37 PA15 I/O FT - SPI1_NSS/I2S1_WS, USART2_RX, TIM2_CH1_ETR, EVENTOUT - -- - - - 38 PD0 I/O FT - EVENTOUT, SPI2_NSS, TIM16_CH1 - -- - - - 39 PD1 I/O FT - EVENTOUT, SPI2_SCK, TIM17_CH1 - - - - - - 40 PD2 I/O FT - TIM3_ETR, TIM1_CH1N - -- - - - 41 PD3 I/O FT - USART2_CTS, SPI2_MISO, TIM1_CH2N - Table 12. Pin assignment and description (continued) Pin Pin name (function upon reset) Alternate functions Additional functions |