| データシートサーチシステム |
|
TLE4699E データシート(PDF) 25 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4699E データシート(HTML) 25 Page - Infineon Technologies AG |
|
25 / 31 page ![]() TLE4699 Early Warning Function Data Sheet 25 Rev. 1.0, 2010-11-30 9 Early Warning Function 9.1 Description Early Warning Function The additional sense comparator provides an early warning function: Any voltage (e.g. the input voltage) can be monitored, an undervoltage condition is indicated by setting the comparator’s output to low. The use of an external voltage divider makes this comparator very flexible in the application. Figure 9 Diagram Figure 10 Timing Diagram B lockDiagram_S I.vsd GND Q I Supply SO VREF Control Px.x CQ VDD Micro- Controller GND RSO I SO SI I SI R SI,1 RSI,2 CI2 CI1 VMON + + VSI t VSI,high t SI_Timing_ Diagram . vsd VSI VSI,low VSO tPD,SO;LH tPD,SO;HL tPD,SO;LH H L |