データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32G474PBY3XXX データシート(PDF) 13 Page - STMicroelectronics

部品番号 STM32G474PBY3XXX
部品情報  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math acc, 184 ps 12 chan Hi-res timer
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474PBY3XXX データシート(HTML) 13 Page - STMicroelectronics

Back Button STM32G474PBY3XXX Datasheet HTML 9Page - STMicroelectronics STM32G474PBY3XXX Datasheet HTML 10Page - STMicroelectronics STM32G474PBY3XXX Datasheet HTML 11Page - STMicroelectronics STM32G474PBY3XXX Datasheet HTML 12Page - STMicroelectronics STM32G474PBY3XXX Datasheet HTML 13Page - STMicroelectronics STM32G474PBY3XXX Datasheet HTML 14Page - STMicroelectronics STM32G474PBY3XXX Datasheet HTML 15Page - STMicroelectronics STM32G474PBY3XXX Datasheet HTML 16Page - STMicroelectronics STM32G474PBY3XXX Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 236 page
background image
DS12288 Rev 5
13/236
STM32G474xB STM32G474xC STM32G474xE
Introduction
48
1
Introduction
This datasheet provides the ordering information and mechanical device characteristics of
the STM32G474xB/xC/xE microcontrollers.
This document should be read in conjunction with the reference manual RM0440
“STM32G4 Series advanced Arm® 32-bit MCUs”. The reference manual is available from
the STMicroelectronics website www.st.com.
For information on the Arm®(a) Cortex®-M4 core, refer to the Cortex®-M4 technical
reference manual, available from the www.arm.com website.
a. Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More