| データシートサーチシステム |
|
STM32L021D4 データシート(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L021D4 データシート(HTML) 9 Page - STMicroelectronics |
|
9 / 114 page ![]() DocID027982 Rev 5 9/114 STM32L021x4 Introduction 32 1 Introduction The ultra-low-power STM32L021x4 family includes devices in 6 different package types from 14 to 32 pins. The description below gives an overview of the complete range of peripherals proposed in this family. These features make the ultra-low-power STM32L021x4 microcontrollers suitable for a wide range of applications: • Gas/water meters and industrial sensors • Healthcare and fitness equipment • Remote control and user interface • PC peripherals, gaming, GPS equipment • Alarm system, wired and wireless sensors, video intercom This STM32L021x4 datasheet should be read in conjunction with the STM32L0x1 reference manual (RM0377). For information on the Arm® Cortex®-M0+ core please refer to the Cortex®-M0+ Technical Reference Manual, available from the www.arm.com website. Figure 1 shows the general block diagram of the device family. |