データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L021D4 データシート(PDF) 104 Page - STMicroelectronics

部品番号 STM32L021D4
部品情報  Access line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, 16KB Flash, 2KB SRAM, 512B EEPROM, ADC, AES
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L021D4 データシート(HTML) 104 Page - STMicroelectronics

Back Button STM32L021D4 Datasheet HTML 100Page - STMicroelectronics STM32L021D4 Datasheet HTML 101Page - STMicroelectronics STM32L021D4 Datasheet HTML 102Page - STMicroelectronics STM32L021D4 Datasheet HTML 103Page - STMicroelectronics STM32L021D4 Datasheet HTML 104Page - STMicroelectronics STM32L021D4 Datasheet HTML 105Page - STMicroelectronics STM32L021D4 Datasheet HTML 106Page - STMicroelectronics STM32L021D4 Datasheet HTML 107Page - STMicroelectronics STM32L021D4 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 114 page
background image
Package information
STM32L021x4
104/114
DocID027982 Rev 5
UFQFPN20 device marking
The following figure gives an example of topside marking versus pin 1 position identifier
location.
Other optional marking or inset/upset marks, which depends assembly location, are not
indicated below.
Figure 41. Example of UFQFPN20 marking (package top view)
1. Parts marked as “ES”, “E” or accompanied by an Engineering Sample notification letter, are not yet
qualified and therefore not yet ready to be used in production and any consequences deriving from such
usage will not be at ST charge. In no event, ST will be liable for any customer usage of these engineering
samples in production. ST Quality has to be contacted prior to any decision to use these Engineering
samples to run qualification activity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More