データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L552VCT6PTR データシート(PDF) 96 Page - STMicroelectronics

部品番号 STM32L552VCT6PTR
部品情報  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCT6PTR データシート(HTML) 96 Page - STMicroelectronics

Back Button STM32L552VCT6PTR Datasheet HTML 92Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 93Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 94Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 95Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 96Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 97Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 98Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 99Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 340 page
background image
12
12
16
G6
16
G6
24
K2
35
12
12
16
25
K2
36
PA2
I/O
FT
_a
-
TIM2_CH3, TIM5_CH3,
USART2_TX,
LPUART1_TX,
OCTOSPI1_NCS,
UCPD1_FRSTX1,
SAI2_EXTCLK,
TIM15_CH1,
EVENTOUT
ADC12_IN7,
WKUP4/LSCO,
COMP1_INP
13
13
17
F5
17
F5
25
L1
36
13
13
17
26
L1
37
PA3
I/O
TT
_a
-
TIM2_CH4, TIM5_CH4,
SAI1_CK1,
USART2_RX,
LPUART1_RX,
OCTOSPI1_CLK,
SAI1_MCLK_A,
TIM15_CH2,
EVENTOUT
OPAMP1_VOUT,
ADC12_IN8
-
-
18
H2
18
H2
26
G7
37
-
-
18
27
G7
38
VSS
S
-
-
-
-
-
-
19
-
19
-
27
G6
38
-
-
19
28
G6
39
VDD
S
-
-
-
-
14
14
20
H7
20
H7
28
L3
39
14
14
20
29
L3
40
PA4
I/O
TT
_a
-
OCTOSPI1_NCS,
SPI1_NSS, SPI3_NSS,
USART2_CK,
SAI1_FS_B,
LPTIM2_OUT,
EVENTOUT
ADC12_IN9,
DAC1_OUT1
Table 21. STM32L552xx pin definitions (continued)
Pin Number
Alternate functions
Additional
functions
STM32L552xxxxP
STM32L552xxxxQ
STM32L552xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More