データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L552VCU6PTR データシート(PDF) 14 Page - STMicroelectronics

部品番号 STM32L552VCU6PTR
部品情報  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU6PTR データシート(HTML) 14 Page - STMicroelectronics

Back Button STM32L552VCU6PTR Datasheet HTML 10Page - STMicroelectronics STM32L552VCU6PTR Datasheet HTML 11Page - STMicroelectronics STM32L552VCU6PTR Datasheet HTML 12Page - STMicroelectronics STM32L552VCU6PTR Datasheet HTML 13Page - STMicroelectronics STM32L552VCU6PTR Datasheet HTML 14Page - STMicroelectronics STM32L552VCU6PTR Datasheet HTML 15Page - STMicroelectronics STM32L552VCU6PTR Datasheet HTML 16Page - STMicroelectronics STM32L552VCU6PTR Datasheet HTML 17Page - STMicroelectronics STM32L552VCU6PTR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 340 page
background image
Introduction
STM32L552xx
14/340
DS12737 Rev 6
1
Introduction
This document provides the ordering information and mechanical device characteristics of
the STM32L552xx microcontrollers.
This document should be read in conjunction with the STM32L552xx and STM32L562xx
reference manual (RM0438).
For information on the Arm®(a) Cortex®-M33 core, refer to the Cortex®-M33 Technical
Reference Manual, available from the www.arm.com website.
a. Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More