| データシートサーチシステム |
|
STM32L552VCU3PTR データシート(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L552VCU3PTR データシート(HTML) 14 Page - STMicroelectronics |
|
14 / 340 page ![]() Introduction STM32L552xx 14/340 DS12737 Rev 6 1 Introduction This document provides the ordering information and mechanical device characteristics of the STM32L552xx microcontrollers. This document should be read in conjunction with the STM32L552xx and STM32L562xx reference manual (RM0438). For information on the Arm®(a) Cortex®-M33 core, refer to the Cortex®-M33 Technical Reference Manual, available from the www.arm.com website. a. Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere. |