データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L552VCU6QXXX データシート(PDF) 111 Page - STMicroelectronics

部品番号 STM32L552VCU6QXXX
部品情報  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU6QXXX データシート(HTML) 111 Page - STMicroelectronics

Back Button STM32L552VCU6QXXX Datasheet HTML 107Page - STMicroelectronics STM32L552VCU6QXXX Datasheet HTML 108Page - STMicroelectronics STM32L552VCU6QXXX Datasheet HTML 109Page - STMicroelectronics STM32L552VCU6QXXX Datasheet HTML 110Page - STMicroelectronics STM32L552VCU6QXXX Datasheet HTML 111Page - STMicroelectronics STM32L552VCU6QXXX Datasheet HTML 112Page - STMicroelectronics STM32L552VCU6QXXX Datasheet HTML 113Page - STMicroelectronics STM32L552VCU6QXXX Datasheet HTML 114Page - STMicroelectronics STM32L552VCU6QXXX Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 340 page
background image
32
32
44
C1
44
C1
70 C12 103
32
32
44
70 C12 103
PA11
I/O
FT
_u
-
TIM1_CH4,
TIM1_BKIN2,
SPI1_MISO,
USART1_CTS/USART
1_NSS, FDCAN1_RX,
USB_DM, EVENTOUT
-
33
33
45
C2
45
C2
71
B12 104
33
33
45
71
B12 104
PA12
I/O
FT
_u
-
TIM1_ETR,
SPI1_MOSI,
USART1_RTS/USART
1_DE, FDCAN1_TX,
USB_DP, EVENTOUT
-
34
34
46
D2
46
D2
72 C10 105
34
34
46
72 C10 105
PA13
(JTMS/
SWDI
O)
I/O FT
(3)
JTMS/SWDIO,
IR_OUT, USB_NOE,
SAI1_SD_B,
EVENTOUT
-
-
-
47
-
47
-----
-
47
---
VSS
S
-
-
-
-
-
-
48
B1
48
B1
73
A12 106
-
-
48
73
A12 106
VDDU
SB
S-
-
-
-
35
35
-
B5
-
B5
74
H4 107
35
35
-
74
H4 107
VSS
S
-
-
-
-
36
36
-
A9
-
A9
75
D9 108
36
36
-
75
D9 108
VDD
S
-
-
-
-
Table 21. STM32L552xx pin definitions (continued)
Pin Number
Alternate functions
Additional
functions
STM32L552xxxxP
STM32L552xxxxQ
STM32L552xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More