データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L552VCU6PXXX データシート(PDF) 95 Page - STMicroelectronics

部品番号 STM32L552VCU6PXXX
部品情報  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU6PXXX データシート(HTML) 95 Page - STMicroelectronics

Back Button STM32L552VCU6PXXX Datasheet HTML 91Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 92Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 93Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 94Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 95Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 96Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 97Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 98Page - STMicroelectronics STM32L552VCU6PXXX Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 340 page
background image
10
10
14
H8
14
H8
22
J2
33
10
10
14
23
J2
34
PA0
I/O
FT
_a
-
TIM2_CH1, TIM5_CH1,
TIM8_ETR,
USART2_CTS/USART
2_NSS, UART4_TX,
SAI1_EXTCLK,
TIM2_ETR,
EVENTOUT
OPAMP1_VINP,
ADC12_IN5,
WKUP1,
TAMP_IN2/TAMP_
OUT1
-
----
--
H3
--
---
H3
-
OPAM
P1_VI
NM
ITT
-
-
-
11
11
15
F6
15
F6
23
G4
34
11
11
15
24
G4
35
PA1
I/O
FT
_a
-
TIM2_CH2, TIM5_CH2,
I2C1_SMBA,
SPI1_SCK,
USART2_RTS/USART
2_DE, UART4_RX,
OCTOSPI1_DQS,
TIM15_CH1N,
EVENTOUT
OPAMP1_VINM,
ADC12_IN6,
TAMP_IN5/TAMP_
OUT4
Table 21. STM32L552xx pin definitions (continued)
Pin Number
Alternate functions
Additional
functions
STM32L552xxxxP
STM32L552xxxxQ
STM32L552xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More