データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L552CCI3PXXX データシート(PDF) 92 Page - STMicroelectronics

部品番号 STM32L552CCI3PXXX
部品情報  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552CCI3PXXX データシート(HTML) 92 Page - STMicroelectronics

Back Button STM32L552CCI3PXXX Datasheet HTML 88Page - STMicroelectronics STM32L552CCI3PXXX Datasheet HTML 89Page - STMicroelectronics STM32L552CCI3PXXX Datasheet HTML 90Page - STMicroelectronics STM32L552CCI3PXXX Datasheet HTML 91Page - STMicroelectronics STM32L552CCI3PXXX Datasheet HTML 92Page - STMicroelectronics STM32L552CCI3PXXX Datasheet HTML 93Page - STMicroelectronics STM32L552CCI3PXXX Datasheet HTML 94Page - STMicroelectronics STM32L552CCI3PXXX Datasheet HTML 95Page - STMicroelectronics STM32L552CCI3PXXX Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 340 page
background image
-
----
---
21
-
----
21
PF9
I/O FT
-
TIM5_CH4,
OCTOSPI1_IO1,
SAI1_FS_B,
TIM15_CH1,
EVENTOUT
TAMP_IN8/TAMP_
OUT7
-
----
---
22
-
----
22
PF10
I/O FT
-
OCTOSPI1_CLK,
DFSDM1_CKOUT,
SAI1_D3, TIM15_CH2,
EVENTOUT
-
5
5
5D95D9
12
F1
23
5
5
5
12
F1
23
PH0-
OSC_I
N
(PH0)
I/O FT
-
EVENTOUT
OSC_IN
6
6
6D86D8
13
G1
24
6
6
6
13
G1
24
PH1-
OSC_
OUT
(PH1)
I/O FT
-
EVENTOUT
OSC_OUT
7
7
7E97E9
14
G2
25
7
7
7
14
G2
25
NRST I-O
RS
T
--
-
Table 21. STM32L552xx pin definitions (continued)
Pin Number
Alternate functions
Additional
functions
STM32L552xxxxP
STM32L552xxxxQ
STM32L552xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More