| データシートサーチシステム |
|
STPMIC1BPQR データシート(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPMIC1BPQR データシート(HTML) 21 Page - STMicroelectronics |
|
21 / 140 page ![]() Symbol Parameter Test conditions Min. Typ. Max. Unit VOH SDA, SCL output high voltage V I2C NXP UM10204 revision 5 compliant (October 2012) RPD WAKEUP pin pull-down resistor Internally connected to GND 45 60 80 kΩ PWRCTRL pin pull-down resistor Internally connected to GND 60 90 140 RPU PONKEYn pin pull-up resistor Internally connected to VIN 90 120 140 PWRCTRL pin pull-up resistor Internally connected to Vio 50 80 120 RSTn pin pull-up resistor Internally connected to Vio 50 80 120 INTn pin pull-up resistor Internally connected to Vio 50 80 120 PONKEYnDB PONKEYn debounce time 30 ms WAKEUPDB WAKEUP debounce time 2 µs RSTnDB RSTn assertion time 20 µs 1. Dropout is the smallest difference between a regulator’s input and its output voltage, which is required to maintain regulation and enable the regulator to provide rated voltage and current 2. VIN is intended to be higher than VOUT STPMIC1 Electrical and timing parameters DS12792 - Rev 7 page 21/140 |