| データシートサーチシステム |
|
STPMIC1DPQR データシート(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPMIC1DPQR データシート(HTML) 7 Page - STMicroelectronics |
|
7 / 140 page ![]() 3 Electrical and timing characteristics 3.1 Absolute maximum ratings Table 4. Absolute maximum ratings Parameter Min. Unit VIN, BUCKxIN, SWIN, LDO3IN, LDOxxIN, PONKEYn -0.5 to 7 V VIO, SDA, SCL, RSTn, PWRCTRL, INTn, WAKEUP -0.5 to 4.2 V INTLDO -0.5 to 2 V VLXx -0.5 to 7 V VOUT1, VOUT2 -0.5 to 3 V VOUT3, VOUT4 -0.5 to 5 V BSTOUT, VBUSOTG, VLXBST, SWOUT -0.5 to 7 V LDOxOUT, VREFDDR -0.5 to 5 V TSTO storage temperature -65 to 150 °C ESD human body model ±1000 V ESD charge device model ±500 V Note: Once the normal operating conditions are exceeded, the performance of the device may suffer. Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. 3.2 Thermal characteristics Table 5. Thermal characteristics Symbol Parameter Min. Max. Unit TJ Operating junction temperature -40 125 °C TJAMR Absolute maximum junction temperature -40 160 °C TA Operating ambient temperature -40 105 °C ѲJC Junction-case package thermal resistance JEDEC reference (JESD51-12.01) 7 °C/W ѲJA Junction-ambient package thermal resistance on 2s2p std JEDEC board (JESD51-7) 29 STPMIC1 Electrical and timing characteristics DS12792 - Rev 7 page 7/140 |