| データシートサーチシステム |
|
STPMIC1DPQR データシート(PDF) 110 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPMIC1DPQR データシート(HTML) 110 Page - STMicroelectronics |
|
110 / 140 page ![]() 6.5.12 Interrupt source register 2 (INT_SRC_R2) Table 59. INT_SRC_R2 7 6 5 4 3 2 1 0 BST_OVP BST_OCP SWOUT_OCP VBUSOTG_OCP BUCK4_OCP BUCK3_OCP BUCK2_OCP BUCK1_OCP R R R R R R R R Address: 0xB1 Type: read register Default: 0x00 Description: interrupt source register 2. Register is set to default on RSTn assertion. State bit is 1 as long as event source is active. [7] BST_OVP: overvoltage detection on Boost output 0: inactive 1: active [6] BST_OCP: Current limitation detection on Boost output 0: inactive 1: active [5] SWOUT_OCP: Current limitation detection on SWOUT 0: inactive 1: active [4] VBUSOTG_OCP: Current limitation detection on VBUSOTG 0: inactive 1: active [3] BUCK4_OCP: Current limitation detection on Buck4 0: inactive 1: active [2] BUCK3_OCP: Current limitation detection on Buck3 0: inactive 1: active [1] BUCK2_OCP: Current limitation detection on Buck2 0: inactive 1: active [0] BUCK1_OCP: Current limitation detection on Buck1 0: inactive 1: active STPMIC1 Interrupt registers DS12792 - Rev 7 page 110/140 |