| データシートサーチシステム |
|
STM32WLE4JCI7TR データシート(PDF) 53 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WLE4JCI7TR データシート(HTML) 53 Page - STMicroelectronics |
|
53 / 145 page ![]() DS13105 Rev 8 53/145 STM32WLE5/E4xx Pinouts, pin description and alternate functions 60 11 K11 H5 VDD S - - - - 12 J10 J1 PA4 I/O FT - RTC_OUT2, LPTIM1_OUT, SPI1_NSS, USART2_CK, DEBUG_SUBGHZSPI_ NSSOUT, LPTIM2_OUT, CM4_EVENTOUT - 13 H9 J2 PA5 I/O FT - TIM2_CH1, TIM2_ETR, SPI2_MISO, SPI1_SCK, DEBUG_SUBGHZSPI_ SCKOUT, LPTIM2_ETR, CM4_EVENTOUT - 14 G8 F4 PA6 I/O FT - TIM1_BKIN, I2C2_SMBA, SPI1_MISO, LPUART1_CTS, DEBUG_SUBGHZSPI_ MISOOUT, TIM16_CH1, CM4_EVENTOUT - 15 E8 H3 PA7 I/O FT_fa - TIM1_CH1N, I2C3_SCL, SPI1_MOSI, COMP2_OUT, DEBUG_SUBGHZSPI_ MOSIOUT, TIM17_CH1, CM4_EVENTOUT - 16 L10 J3 PA8 I/O FT_a - MCO, TIM1_CH1, SPI2_SCK/I2S2_CK, USART1_CK, LPTIM2_OUT, CM4_EVENTOUT - 17 K9 E5 PA9 I/O FT_fa - TIM1_CH2, SPI2_NSS/I2S2_WS, I2C1_SCL, SPI2_SCK/I2S2_CK, USART1_TX, CM4_EVENTOUT - - - H4 PB10 I/O FT_f - TIM2_CH3, I2C3_SCL, SPI2_SCK/I2S2_CK, LPUART1_RX, COMP1_OUT, CM4_EVENTOUT - -- G4 PB11 I/O FT_f - TIM2_CH4, I2C3_SDA, LPUART1_TX, COMP2_OUT, CM4_EVENTOUT - 18 J8 F5 NRST I/O FT - - - 19 H7 J5 PH3-BOOT0 I/O FT - CM4_EVENTOUT BOOT0 -L8- VDD S - - - - Table 19. STM32WLE5/E4xx pin definition (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |