データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29DL163D データシート(PDF) 3 Page - Advanced Micro Devices

部品番号 AM29DL163D
部品情報  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL163D データシート(HTML) 3 Page - Advanced Micro Devices

  AM29DL163D Datasheet HTML 1Page - Advanced Micro Devices AM29DL163D Datasheet HTML 2Page - Advanced Micro Devices AM29DL163D Datasheet HTML 3Page - Advanced Micro Devices AM29DL163D Datasheet HTML 4Page - Advanced Micro Devices AM29DL163D Datasheet HTML 5Page - Advanced Micro Devices AM29DL163D Datasheet HTML 6Page - Advanced Micro Devices AM29DL163D Datasheet HTML 7Page - Advanced Micro Devices AM29DL163D Datasheet HTML 8Page - Advanced Micro Devices AM29DL163D Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 57 page
background image
DS42546
3
TABLE OF CONTENTS
Distinctive Characteristics . . . . . . . . . . . . . . . . . . 1
MCP Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Flash Memory Features . . . . . . . . . . . . . . . . . . . . . 1
Architectural Advantages . . . . . . . . . . . . . . . . . . 1
Performance Characteristics. . . . . . . . . . . . . . . . 1
Software Features . . . . . . . . . . . . . . . . . . . . . . . 1
Hardware Features . . . . . . . . . . . . . . . . . . . . . . . 1
SRAM Features . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
General Description . . . . . . . . . . . . . . . . . . . . . . . . 2
Am29DL163 Features . . . . . . . . . . . . . . . . . . . . . . 2
Simultaneous Read/Write Operations with Zero
Latency . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
Product Selector Guide . . . . . . . . . . . . . . . . . . . . . 5
MCP Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . 5
Flash Memory Block Diagram. . . . . . . . . . . . . . . . 6
Connection Diagram . . . . . . . . . . . . . . . . . . . . . . . 7
Special Handling Instructions for FBGA Package . 7
Pin Description. . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Logic Symbol . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . 8
Device Bus Operations . . . . . . . . . . . . . . . . . . . . . 8
Table 1. Device Bus Operations—Flash Word
Mode, CIOf = V
IH; SRAM Word Mode,
CIOs = V
CC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Table 2. Device Bus Operations—Flash Word
Mode, CIOf = V
IH; SRAM Byte Mode,
CIOs = V
SS
. . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Table 3. Device Bus Operations—Flash Byte
Mode, CIOf = V
IL; SRAM Byte Mode,
CIOs = V
SS
. . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Word/Byte Configuration . . . . . . . . . . . . . . . . . . . 12
Requirements for Reading Array Data . . . . . . . . . 12
Writing Commands/Command Sequences . . . . . 12
Accelerated Program Operation . . . . . . . . . . . . 12
Autoselect Functions . . . . . . . . . . . . . . . . . . . . . 12
Simultaneous Read/Write Operations with Zero
Latency . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Standby Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Automatic Sleep Mode . . . . . . . . . . . . . . . . . . . . . 13
RESET#: Hardware Reset Pin . . . . . . . . . . . . . . . 13
Output Disable Mode . . . . . . . . . . . . . . . . . . . . . . 13
Table 4. Device Bank Division . . . . . . . . . . . . . . 13
Table 5. Sector Addresses for Top Boot Sector
Devices . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Table 6. SecSi Sector Addresses for Top
Boot Devices . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Autoselect Mode . . . . . . . . . . . . . . . . . . . . . . . . . 15
Sector/Sector Block Protection and Unprotection 15
Table 7. Top Boot Sector/Sector Block
Addresses for Protection/Unprotection . . . . . . . 15
Write Protect (WP#) . . . . . . . . . . . . . . . . . . . . . . . 15
Temporary Sector/Sector Block Unprotect . . . . . . 15
Figure 1. Temporary Sector Unprotect
Operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 2. In-System Sector/Sector Block
Protect and Unprotect Algorithms . . . . . . . . . . . 17
SecSi (Secured Silicon) Sector Flash Memory
Region . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Factory Locked: SecSi Sector Programmed
and Protected At the Factory . . . . . . . . . . . . . . 18
Customer Lockable: SecSi Sector NOT
Programmed or Protected At the Factory . . . . . 18
Hardware Data Protection . . . . . . . . . . . . . . . . . . 18
Low VCC Write Inhibit . . . . . . . . . . . . . . . . . . . . 18
Write Pulse “Glitch” Protection . . . . . . . . . . . . . 18
Logical Inhibit . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Power-Up Write Inhibit . . . . . . . . . . . . . . . . . . . 19
Common Flash Memory Interface (CFI) . . . . . . . 19
Table 8. CFI Query Identification String . . . . . . 19
Table 9. System Interface String . . . . . . . . . . . 20
Table 10. Device Geometry Definition . . . . . . . 20
Table 11. Primary Vendor-Specific Extended
Query . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Command Definitions. . . . . . . . . . . . . . . . . . . . . . 22
Reading Array Data . . . . . . . . . . . . . . . . . . . . . . . 22
Reset Command . . . . . . . . . . . . . . . . . . . . . . . . . 22
Autoselect Command Sequence . . . . . . . . . . . . . 22
Enter SecSi Sector/Exit SecSi Sector
Command Sequence . . . . . . . . . . . . . . . . . . . . . . 23
Byte/Word Program Command Sequence . . . . . 23
Unlock Bypass Command Sequence . . . . . . . . 23
Figure 3. Program Operation . . . . . . . . . . . . . . . 24
Chip Erase Command Sequence . . . . . . . . . . . . 24
Sector Erase Command Sequence . . . . . . . . . . . 24
Erase Suspend/Erase Resume Commands . . . . 25
Figure 4. Erase Operation . . . . . . . . . . . . . . . . . 25
Table 12. DS42546 Command Definitions . . . . 26
Write Operation Status . . . . . . . . . . . . . . . . . . . . . 27
DQ7: Data# Polling . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 5. Data# Polling Algorithm . . . . . . . . . . . 27
RY/BY#: Ready/Busy# . . . . . . . . . . . . . . . . . . . . . 28
DQ6: Toggle Bit I . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 6. Toggle Bit Algorithm . . . . . . . . . . . . . . 28
DQ2: Toggle Bit II . . . . . . . . . . . . . . . . . . . . . . . . 29
Reading Toggle Bits DQ6/DQ2 . . . . . . . . . . . . . . 29
DQ5: Exceeded Timing Limits . . . . . . . . . . . . . . . 29
DQ3: Sector Erase Timer . . . . . . . . . . . . . . . . . . 29
Table 13. Write Operation Status . . . . . . . . . . . 30
Absolute Maximum Ratings. . . . . . . . . . . . . . . . . 31
Operating Ranges . . . . . . . . . . . . . . . . . . . . . . . . . 31
Industrial (I) Devices . . . . . . . . . . . . . . . . . . . . . 31
V
CCf/VCCs Supply Voltage . . . . . . . . . . . . . . . . . 31
DC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 32
CMOS Compatible . . . . . . . . . . . . . . . . . . . . . . . . 32
SRAM DC and Operating Characteristics. . . . . . 33
Zero-Power Flash . . . . . . . . . . . . . . . . . . . . . . . . 34
Figure 9. I
CC1 Current vs. Time (Showing
Active and Automatic Sleep Currents). . . . . . . . 34
Figure 10. Typical I
CC1 vs. Frequency . . . . . . . . 34
Test Conditions. . . . . . . . . . . . . . . . . . . . . . . . . . . 35
Figure 11. Test Setup . . . . . . . . . . . . . . . . . . . . 35
Table 14. Test Specifications . . . . . . . . . . . . . . 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57