| データシートサーチシステム |
|
74LVC125AM データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
74LVC125AM データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 9 page ![]() 74LVC125A 2/9 INPUT AND OUTPUT EQUIVALENT CIRCUIT PIN DESCRIPTION TRUTH TABLE X : Don’t care Z : High Impedance ABSOLUTE MAXIMUM RATINGS Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied 1) IO absolute maximum rating must be observed 2) VO < GND PIN No SYMBOL NAME AND FUNCTION 1, 4, 9, 12 G1 to G4 Output Enable Inputs 2, 5, 10, 13 A1 to A4 Data Inputs 3, 6, 8, 11 Y1 to Y4 Data Outputs 7 GND Ground (0V) 14 VCC Positive Supply Voltage AG Y XH Z LL L HLH Symbol Parameter Value Unit VCC Supply Voltage -0.5 to +7.0 V VI DC Input Voltage -0.5 to +7.0 V VO DC Output Voltage (High Impedance or VCC = 0V) -0.5 to +7.0 V VO DC Output Voltage (High or Low State) (note 1) -0.5 to VCC + 0.5 V IIK DC Input Diode Current -50 mA IOK DC Output Diode Current (note 2) -50 mA IO DC Output Current ± 50 mA ICC or IGND DC VCC or Ground Current per Supply Pin ± 100 mA Tstg Storage Temperature -65 to +150 °C TL Lead Temperature (10 sec) 300 °C |