| データシートサーチシステム |
|
ZSSC3154 データシート(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ZSSC3154 データシート(HTML) 21 Page - Renesas Technology Corp |
|
21 / 29 page ![]() ZSSC3154 Datasheet © 2016 Integrated Device Technology, Inc. 21 January 22, 2016 3 Application Circuits and External Components 3.1 Application Circuit Examples Figure 3.1 Application Circuit with Two Analog Outputs and Diagnostic Fault Band Level Low VCC GND VDDA VSSA SDA SCL VDD AOUT1 VDDE VTN1 VBP VBN VSSE VBR_T VBR_B AOUT2 AOUT1 AOUT2 Temp. Sensor1 Sensor Bridge C1 100nF C3 15nF C2 100nF C4 15nF Temp. Sensor2 VTN2 DFBH Figure 3.2 Application Circuit with Two Analog Outputs and Diagnostic Fault Band Level High VCC GND VDDA VSSA SDA SCL VDD AOUT1 VDDE VTN1 VBP VBN VSSE VBR_T VBR_B AOUT2 AOUT1 AOUT2 Temp. Sensor1 Sensor Bridge C1 100nF C3 15nF C2 100nF C4 15nF Temp. Sensor2 VTN2 DFBH |