| データシートサーチシステム |
|
TSC2012IST データシート(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSC2012IST データシート(HTML) 27 Page - STMicroelectronics |
|
27 / 54 page ![]() When the output common mode voltage is supplied by an external power supply, in order to improve the output voltage measurement, it is recommended to measure the Vout differentially with respect to Vref voltage. It provides a better CMRR measurement, better noise immunity and also a more accurate Vout voltage. A decoupling capacitance of 1 nF minimum can be also added to better filter the power supply, and can also be used as a tank capacitance in case an ADC is connected to this reference voltage. TSC2010, TSC2011, TSC2012 Theory of operation DS13057 - Rev 4 page 27/54 |